Part Number Hot Search : 
001444 F740SPBF A8735 74HCT368 2N558 CN6010 AN1330 AD5757
Product Description
Full Text Search
 

To Download KDR400S Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
 SEMICONDUCTOR
TECHNICAL DATA
High frequency rectification. Switching power supply.
L
KDR400S
SCHOTTKY BARRIER TYPE DIODE
E B
L
FEATURES
Low Forward Voltage : VF max=0.55V.
A G
DIM A
2
MILLIMETERS _ 2.93 + 0.20
1.30+0.20/-0.15 1.30 MAX 0.45+0.15/-0.05 2.40+0.30/-0.20 1.90 0.95 0.13+0.10/-0.05 0.00 ~ 0.10 0.55 0.20 MIN 1.00+0.20/-0.10 7
IO=500mA recification possible.
3
D
B C D E G H J K
H
1
MAXIMUM RATING (Ta=25
CHARACTERISTIC Repetitive Peak Reverse Voltage Reverse Voltage Average Forward Current Non-repetitive peak surge current Junction Temperature Storage Temperature
)
SYMBOL VRRM VR IO IFSM Tj Tstg RATING 40 40 0.5 3 125 -55 125 UNIT V V A A
C N
P
P
L M N P
M 3
1. NC 2. ANODE 3. CATHODE
2 1
K
SOT-23
Marking
Lot No. Type Name
DJ
ELECTRICAL CHARACTERISTICS (Ta=25
CHARACTERISTIC Reverse Voltage Forward Voltage Reverse Current VR VF IR1 IR2 CT1 CT2
)
TEST CONDITION IR=1mA IF=0.5A VR=10V VR=25V VR=0V, f=1MHz VR=10V, f=1MHz MIN. 40 TYP. 0.45 8 132 25 MAX. 0.55 30 50 UNIT V V A
SYMBOL
Total Capacitance
J
pF
2003. 2. 25
Revision No : 1
1/2
KDR400S
C T - VR
TERMINAL CAPACITANCE C T (pF) 140 120 100 80 60 40 20 0 0 10 20 30 40 REVERSE CURRENT I R (A) 10
2
I R - VR
10
1 0 10 20 30 40
REVERSE VOLTAGE VR (V)
REVERSE VOLTAGE V R (V)
I F - VF
10 FORWARD CURRENT I F (A) 10 10 10 10 10 1 0 100 200 300 400 500
6 5
4
3
2
FORWARD VOLTAGE V F (mV)
2003. 2. 25
Revision No : 1
2/2


▲Up To Search▲   

 
Price & Availability of KDR400S

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X